Part Number Hot Search : 
P6SMB91 12050 KB357NT Y5DU56 MUR890 MBR5200D MC74HC1 00JTR
Product Description
Full Text Search
 

To Download MAX5204BEUB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2658; Rev 1; 10/04
Low-Cost, Voltage-Output, 16-Bit DACs in MAX
General Description
The MAX5204-MAX5207 serial input, voltage-output 16bit digital-to-analog converters (DACs) provide monotonic 16-bit output over temperature without any adjustments. The MAX5204/MAX5205 operate from a +5V single power supply and use an external reference ranging from +4V to VDD, while the MAX5206/MAX5207 operate from a +3V or +3.3V single power supply and use an external reference ranging from +2V to V DD . The MAX5204-MAX5207 DAC output range is typically from 0 to VDD. The MAX5204-MAX5207 feature a hardware reset input (CLR) that when pulled low clears the output to zero code 0000 hex (MAX5205/MAX5207) or resets the output to midscale code 8000 hex (MAX5204/MAX5206). The 3-wire serial interface is compatible with SPITM/QSPITM/MICROWIRETM. All devices have a lowpower shutdown mode that reduces the supply current consumption to 1A. The MAX5204-MAX5207 are available in a space-saving 10-pin MAX(R) package and are guaranteed over the extended temperature range (-40C to +105C). Refer to the MAX5200-MAX5203 data sheet for internal reference versions. Guaranteed 16-Bit Monotonic 10-Pin 5mm 3mm MAX Package Rail-to-Rail Output Amplifier Single-Supply Operation +5V (MAX5204/MAX5205) +3V, +3.3V (MAX5206/MAX5207) Low Power Consumption: 0.5mA Shutdown Mode Reduces Supply Current to 1A SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial Interface Power-On-Reset Sets Output to Midscale (MAX5204/MAX5206) Zero-Scale (MAX5205/MAX5207)
Features
MAX5204-MAX5207
Ordering Information
PART MAX5204AEUB MAX5204BEUB MAX5204ACUB MAX5205AEUB MAX5205BEUB MAX5205ACUB MAX5206AEUB TEMP RANGE -40C to +105C -40C to +105C 0C to +70C -40C to +105C -40C to +105C 0C to +70C -40C to +105C -40C to +105C 0C to +70C -40C to +105C -40C to +105C 0C to +70C PIN-PACKAGE 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX
Applications
Low-Cost VCO/VCXO Frequency Control Industrial Process Control High-Resolution Offset Adjustment
Pin Configuration
TOP VIEW
CLR 1 REF AGND VDD OUT 2 3 4 5 10 DGND 9 SCLK DIN LDAC CS
MAX5206BEUB MAX5206ACUB MAX5207AEUB MAX5207BEUB MAX5207ACUB
MAX5204- MAX5207
8 7 6
Selector Guide appears at end of data sheet. SPI/QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp. MAX is a registered trademark of Maxim Integrated Products, Inc.
MAX
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
ABSOLUTE MAXIMUM RATINGS
VDD to AGND, DGND ...............................................-0.3V to +6V AGND to DGND...................................................-0.3V to +0.3V REF, OUT to AGND....................................-0.3V to (VDD + 0.3V) CLR, LDAC, SCLK, DIN, CS to DGND .......-0.3V to (VDD + 0.3V) Maximum Current into Any Pin............................................50mA Continuous Power Dissipation (TA = +70C) 10-Pin MAX (derate 5.6mW/C above +70C) .........444.4mW Operating Temperature Ranges MAX520_CUB ......................................................0C to +70C MAX520_EUB ................................................-40C to +105C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--MAX5204/MAX5205
(VDD = +4.75V to +5.25V, fSCLK = 10MHz (50% duty cycle), VREF = 4.096V, output load = 10k in parallel with 250pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER STATIC PERFORMANCE (Note 1) Resolution Integral Nonlinearity (Note 2) N MAX520_AEUB INL MAX520_ACUB MAX520_BEUB MAX520_A_UB (Note 3) Differential Nonlinearity (Note 2) Offset Error Gain Error Offset Temperature Coefficient Gain Temperature Coefficient Power-Supply Rejection DYNAMIC PERFORMANCE DAC Output Range Output-Voltage Slew Rate Output Settling Time Output Noise DAC Glitch Impulse Digital Feedthrough Wake-Up Time Power-Up Time SR To 1LSB of FS, VSTEP = 0.25 x VREF to 0.75 x VREF DAC code = 8400 hex, 10kHz Major carry transition (code 7FFF hex to code 8000 hex) Code = 0000 hex; CS = VDD; LDAC = 0; SCLK, DIN = 0 or VDD From software shutdown to 90% of output code = FFFF hex From power applied to 90% of output code = FFFF hex (Note 2) 0 to VDD 0.6 25 120 10 10 50 10 V V/s s nV/Hz nVs nVs s ms PSR VDD = 5V 5%, midscale input GE DNL MAX520_BEUB (0C to +105C) (Note 3) MAX520_BEUB (-40C to 0C) Inferred from measurement at 1C00 hex and FFFF hex Within DAC output range (Note 4) 3 0.01 1.5 3 0.06 0.5 16 10 10 20 20 20 40 1 1 2 25 1 mV %FSR V/C ppm of FSR/C mV/V LSB LSB Bits SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
Low-Cost, Voltage-Output, 16-Bit DACs in MAX
ELECTRICAL CHARACTERISTICS--MAX5204/MAX5205 (continued)
(VDD = +4.75V to +5.25V, fSCLK = 10MHz (50% duty cycle), VREF = 4.096V, output load = 10k in parallel with 250pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER REFERENCE INPUT VREF Input Range VREF Input Current VREF Input Resistance Input Capacitance DIGITAL INPUTS (DIN, SCLK, CS, CLR, LDAC) Input High Voltage Input Low Voltage Input Hysteresis Input Leakage Input Capacitance POWER REQUIREMENTS Positive Power Supply Positive Supply Current Shutdown Supply Current TIMING CHARACTERISTICS SCLK Frequency SCLK Clock Period SCLK Pulse Width High SCLK Pulse Width Low DIN Setup Time DIN Hold Time CS Fall to SCLK Rise Setup Time SCLK Rise to CS Rise Hold Time SCLK Rise to CS Fall Ignore CS Rise to SCLK Rise Ignore LDAC Pulse Width CS Rise to LDAC Low Setup SCLK Fall to CS Fall Ignore CS Pulse Width Low for Shutdown CS Pulse Width High fSCLK tCP tCH tCL tDS tDH tCSS tCSH tCS0 tCS1 tLDAC tLDACS tCSOL tCSWL tCSWH 100 40 40 40 0 40 0 10 40 40 40 10 40 100 10 MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns VDD IDD ISHDN All digital inputs at 0 or VDD (Note 5) All digital inputs at 0 or VDD 4.75 0.8 1 5.25 1.5 10 V mA A VIH VIL VHYST IIN CIN Digital inputs = 0 or VDD 15 200 1 2.4 0.8 V V mV A pF 4.0 40 100 18 VDD V A k pF SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5204-MAX5207
_______________________________________________________________________________________
3
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
ELECTRICAL CHARACTERISTICS--MAX5206/MAX5207
(VDD = +2.7V to +3.6V, fSCLK = 10MHz (50% duty cycle), VREF = 2.048V, output load = 10k in parallel with 250pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER STATIC PERFORMANCE (Note 1) Resolution Integral Nonlinearity (Note 2) N MAX520_AEUB INL MAX520_ACUB MAX520_BEUB MAX520_A_UB (Note 3) Differential Nonlinearity (Note 2) DNL MAX520_BEUB (0C to +105C) (Note 3) MAX520_BEUB (-40C to 0C) Offset Error Gain Error Offset Temperature Coefficient Gain Temperature Coefficient Power-Supply Rejection DYNAMIC PERFORMANCE DAC Output Range Voltage-Output Slew Rate Output Settling Time Output Noise DAC Glitch Impulse Digital Feedthrough Wake-Up Time Power-Up Time REFERENCE INPUT VREF Input Range VREF Input Current VREF Input Resistance Input Capacitance 2.0 20 100 18 VDD V A k pF SR To 1LSB of FS, VSTEP = 0.25 VREF to 0.75 VREF Code = 8400 hex, 10kHz Major carry transition (code 7FFF hex to code 8000 hex) Code = 0000 hex; CS = VDD; LDAC = 0; SCLK, DIN = 0 or VDD From software shutdown to 90% of output code = FFFF hex From power boosting to 90% of output code = FFFF hex (Note 2) 0 to VDD 0.6 25 120 10 10 50 10 V V/s s nV/Hz nVs nVs s ms PSR VDD = 3V 10%, midscale input GE Inferred from measurement at 3800 hex and FFFF hex Within DAC output range (Note 4) 3 0.01 1.5 3 0.06 0.5 16 10 10 20 20 20 40 1 1 2 25 1.0 mV %FSR V/C ppm of FSR/C mV/V LSB LSB Bits SYMBOL CONDITIONS MIN TYP MAX UNITS
4
_______________________________________________________________________________________
Low-Cost, Voltage-Output, 16-Bit DACs in MAX
ELECTRICAL CHARACTERISTICS--MAX5206/MAX5207 (continued)
(VDD = +2.7V to +3.6V, fSCLK = 10MHz (50% duty cycle), VREF = 2.048V, output load = 10k in parallel with 250pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Input High Voltage Input Low Voltage Input Hysteresis Input Leakage Input Capacitance POWER REQUIREMENTS Positive Power Supply Positive Supply Current Shutdown Supply Current TIMING CHARACTERISTICS SCLK Frequency SCLK Clock Period SCLK Pulse Width High SCLK Pulse Width Low DIN Setup Time DIN Hold Time CS Fall to SCLK Rise Setup Time SCLK Rise to CS Rise Hold Time SCLK Rise to CS Fall Ignore CS Rise to SCLK Rise Ignore LDAC Pulse Width CS Rise to LDAC Low Setup SCLK Fall to CS Fall Ignore CS Pulse Width Low for Shutdown CS Pulse Width High fSCLK tCP tCH tCL tDS tDH tCSS tCSH tCS0 tCS1 tLDAC tLDACS tCSOL tCSWL tCSWH 100 40 40 40 0 40 0 10 40 40 40 10 40 100 10 MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns VDD IDD ISHDN All digital inputs at 0 or VDD (Note 5) All digital inputs at 0 or VDD 2.7 0.5 1 3.6 1.5 10 V mA A SYMBOL VIH VIL VHYST IIN CIN Digital inputs = 0 or VDD 15 200 1 CONDITIONS MIN 2.1 0.6 TYP MAX UNITS V V mV A pF DIGITAL INPUTS (DIN, SCLK, CS, CLR, LDAC)
MAX5204-MAX5207
Note 1: Note 2: Note 3: Note 4: Note 5:
Static performance tested at VDD = +5.0V (MAX5204/MAX5205) and at VDD = +3.0V (MAX5206/MAX5207). INL and DNL are guaranteed for outputs between 0.5V to (VDD - 0.5V). Guaranteed monotonic. VREF = 4.096V (MAX5204/MAX5205) and VREF = 2.048V (MAX5206/MAX5207). RL = , digital inputs are at VDD or DGND.
_______________________________________________________________________________________
5
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
Typical Operating Characteristics
(VDD = +5V, VREF = 4.096V, TA = +25C, unless otherwise noted.)
INTEGRAL NONLINEARITY vs. CODE (A GRADE)
MAX5204 toc01 MAX5204 toc02
SUPPLY CURRENT vs. TEMPERATURE
1.0 16 12 8
DIFFERENTIAL NONLINEARITY vs. CODE
0.75 0.50 DNL (LSB) 0.25 0 -0.25 -0.50 -0.75 -1.00
MAX5204 toc03
1.00
0.9 SUPPLY CURRENT (mA)
INL (LSB) -40 -25 0 25 50 75 85
0.8
4 0 -4 -8 -12
0.7
0.6
0.5 TEMPERATURE (C)
-16 0 10000 20000 30000 40000 50000 60000 70000 DAC CODE
0
10000 20000 30000 40000 50000 60000 70000 DAC CODE
GAIN ERROR vs. TEMPERATURE
0.08 0.06 GAIN ERROR (%FSR) 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 -40 -20 0 20 40 60 80 TEMPERATURE (C) -0.30 -0.40 -40 -20
MAX5204 toc04
OFFSET ERROR vs. TEMPERATURE
0.30 OFFSET ERROR (mV) 0.20 0.10 0 -0.10 -0.20
MAX5204 toc05
HALF-SCALE OUTPUT SETTLING TIME (CODE FROM 4000H TO C000H)
MAX5204 toc06
0.10
0.40
LARGE SIGNAL (1V/div)
OUT 1V/div
SMALL SIGNAL (1mV/div) RLOAD = 10k CLOAD = 250pF 0 20 40 60 80 4s/div
OUT 1mV/div
TEMPERATURE (C)
MAX5204 toc07
DAC CODE = 8400 HEX LARGE SIGNAL (1V/div) OUT 1V/div OUT 1mV/div SMALL SIGNAL (1mV/div) VOLTAGE NOISE DENSITY (nV/Hz) 600 500 400 300 200 100 0 100 4s/div 1000 10,000
RLOAD = 10k CLOAD = 250pF
100,000
FREQUENCY (Hz)
6
_______________________________________________________________________________________
MAX5204 toc08
HALF-SCALE OUTPUT SETTLING TIME (CODE FROM C000H TO 4000H)
OUTPUT NOISE DENSITY vs. FREQUENCY
700
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
Typical Operating Characteristics (continued)
(VDD = +5V, VREF = 4.096V, TA = +25C, unless otherwise noted.)
MAJOR-CARRY OUTPUT GLITCH (CODE FROM 8000H TO 7FFFH)
MAX5204 toc10 MAX5204 toc11
SOURCE-CURRENT CAPABILITY
MAX5204 toc09
SINK-CURRENT CAPABILITY
4.5 4.0 3.5 OUTPUT VOLTAGE (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 CODE = 0000 HEX 0 3 6 9 12 15 CODE = 4000 HEX
4.5 4.0 CODE = FFFF HEX 3.5 OUTPUT VOLTAGE (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 0 10 20 30 CODE = 8000 HEX CODE = C000 HEX
OUT (AC-COUPLED, 5mV/div)
40
1s/div
SOURCE CURRENT (mA)
SINK CURRENT (mA)
MAJOR-CARRY OUTPUT GLITCH (CODE FROM 7FFFH TO 8000H)
MAX5204 toc12
SHUTDOWN CURRENT vs. TEMPERATURE
0.75 SHUTDOWN CURRENT (A) 0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 -40 -20 0 20 40 60 80
MAX5204 toc13
1.00
OUT (AC-COUPLED, 5mV/div)
1s/div
TEMPERATURE (C)
_______________________________________________________________________________________
7
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
Pin Description
PIN 1 2 3 4 5 6 7 8 9 10 NAME CLR REF AGND VDD OUT CS LDAC DIN SCLK DGND FUNCTION Reset DAC Active-Low Input. Pull CLR low to reset the DAC output to midscale output (8000 hex) for MAX5204/MAX5206 and to zero-scale output (0000 hex) for MAX5205/MAX5207. For normal operation, connect CLR to VDD. External Reference Voltage Input Analog Ground Positive Supply Voltage. Bypass VDD to AGND with a 10F capacitor in parallel with a 0.1F capacitor. DAC Output Voltage Active-Low Chip-Select Input Load DAC Input Serial Data Input Serial Clock Input. Duty cycle must be 40% to 60%. Digital Ground
Detailed Description
The MAX5204-MAX5207 serial 16-bit, voltage-output DACs are easily configured with a 3-wire serial interface. These devices offer full 16-bit performance with less than 20LSB integral linearity error and less than 1LSB differential linearity error, thus ensuring monotonic performance. Serial data transfer minimizes the number of package pins required. The MAX5204-MAX5207 include control-logic circuitry, a 16-bit data-in shift register, and a DAC register. The MAX5204-MAX5207 output is buffered and the full-scale output voltage is VREF (typ). The MAX5204-MAX5207 feature a hardware reset input (CLR) that when pulled low clears the DAC output to zero code 0000 hex (MAX5205/MAX5207) or resets the DAC output to midscale code 8000 hex (MAX5204/ MAX5206). For normal operation, connect CLR to VDD.
REF
VDD
MAX5204- MAX5207
16-BIT DAC
BUFFER
OUT
CLR CS SCLK DIN LDAC CONTROL LOGIC SERIAL INPUT REGISTER 16-BIT DATA LATCH
DGND
AGND
Reference Input
The MAX5204/MAX5205 (+5V supply) use an external reference between 4V to V DD , while the MAX5206/ MAX5207 (+3V supply) use an external reference from 2V to VDD. The DAC output range is from 0 to VREF.
Figure 1. MAX5204-MAX5207 Simplified Functional Diagram
Digital Interface
The MAX5204-MAX5207 digital interface is a standard 3-wire connection compatible with SPI/QSPI/ MICROWIRE and most DSP interfaces. All of the digital input pins (CS, SCLK, DIN, CLR, and LDAC) are TTL compatible. SCLK can accept clock frequencies as high as 10MHz for a +5V supply and 10MHz for a +3V or +3.3V supply. One of two methods can be used when interfacing and updating the MAX5204-MAX5207. The first requires
8
_______________________________________________________________________________________
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
tCP tCH SCLK tCL
tCSS CS tCS0 tCSWH DIN NOTE: LDAC IS LOGIC LOW. D15 tDS
tCS1 tDH tCSH
D14
D0
Figure 2. 3-Wire Interface Timing Diagram
three digital inputs: CS, DIN, and SCLK (Figure 2). The active-low chip-select input (CS) enables the serial data loading at the data input (DIN). Pull CS low and clock in each bit of the 16-bit digital word on the rising edge of the serial clock (SCLK). Two eight-bit bytes can be used, and do not require any additional time between them. Pulling CS high after loading the 16-bit word transfers that code into the DAC register and then updates the output. If CS is not kept low during the entire loading of the 16-bit word, data will be corrupted. In this case, a new 16-bit word must be loaded. LDAC must be kept low at all times for the above instructions. An alternate method of interfacing and updating the MAX5204-MAX5207 can be done with a fourth digital input, the active-low load DAC (LDAC). LDAC allows the output to update asynchronously after CS goes high. It is useful when updating multiple MAX5204- MAX5207s synchronously when sharing a single LDAC and CS line. LDAC must be kept high at all times during the data loading sequence and must only be asserted when CS is high. Asserting LDAC when CS is low can cause corrupted data. To operate the MAX5204-MAX5207 using LDAC, pull LDAC high, pull CS low, load the 16-bit word as described in the previous paragraph, and pull CS high again. Following these commands, the DAC output only updates when LDAC is asserted low (Figure 3).
Shutdown Mode
The low-power shutdown mode reduces supply current to typically 1A and a maximum of 10A. Shutdown mode is not activated through command words, as is common among D/A converters. These devices require careful manipulation of CS and SCLK (Figure 4). Shutting Down To shut down the MAX5204-MAX5207, change the state of SCLK (either a high to low or low to high transition can be used) and pulse two falling CS edges. In order to keep the device in shutdown mode, SCLK must not change state. SCLK must remain in the state it is in after the two CS pulses. Waking Up There are two methods to wake up the MAX5204- MAX5207. Pulse one falling CS edge or transition SCLK. It takes 50s typically from the CS falling edge or SCLK transition for the DAC to return to normal operation.
Power-On Reset
The MAX5204-MAX5207 have a power-on reset circuit to set the DAC's output to a known state when VDD is first applied. The MAX5204/MAX5206 reset to midscale (code 8000 hex) upon power-up. The MAX5205/ MAX5207 reset to zero-scale (code 0000 hex) upon power-up. This ensures that unwanted output voltages do not occur immediately following a system power-up, such as a loss of power. It is required to apply VDD first before any other input (DIN, SCLK, CLR, LDAC, CS, and REF).
_______________________________________________________________________________________
9
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
tCP tCH SCLK tCL
tCSS CS tCS0 tCSWH DIN D15 tDS
tCS1 tDH tCSH
D14
D0 tLDACS tLDAC
LDAC
Figure 3. 4-Wire Interface Timing Diagram
tCS0L SCLK
SHUTDOWN
WAKE-UP
CS
tCSWL
tCSWH
A. WAKING UP USING A THIRD FALLING EDGE ON CS.
tCS0L SCLK
SHUTDOWN
WAKE-UP
CS
tCSWL
tCSWH
B. WAKING UP USING A TRANSITION ON SCLK.
Figure 4. Shutdown Timing
Applications Information
Power Supply and Bypassing Considerations
Bypass the power supply with a 10F capacitor in parallel with a 0.1F capacitor to AGND. Minimize lead lengths to reduce lead inductance. If noise becomes an issue, use shielding and/or ferrite beads to increase isolation.
Output Buffer
The MAX5204-MAX5207 include low-offset, low-noise buffers enabling the output to source 15mA or sink 5mA. The output buffer operates at a slew rate of 0.6V/s. With a 1/4 FS to 3/4 FS output transition, the buffer output typically settles to 1LSB in about 25s. The MAX5204-MAX5207 output buffers provide a low 0.2 typical output impedance. The MAX5204- MAX5207 buffer amplifiers typically produce 120nV/Hz noise at 10kHz.
10
______________________________________________________________________________________
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
VDD 10F
0.1F MC68XXXX PCS0 MOSI SCLK CLR CS DIN SCLK LDAC +5V MAX5204- MAX5207 DGND AGND REF OUT
MAX400
BIPOLAR OUT (VREF)
0.1F R 10F R
Figure 5. MAX5204-MAX5207 Typical Operating Circuit--Bipolar Output
Table 1. Bipolar Code Table
DAC LATCH CONTENTS MSB LSB 1111 1111 1111 1111 1000 0000 0000 0001 1000 0000 0000 0000 0111 1111 1111 1111 0000 0000 0000 0000 ANALOG OUTPUT, VOUT +VREF x (32,767 / 32,768) +VREF x (1 / 32,768) 0V -VREF x (1 / 32,768) -VREF x (32,768 / 32,768)
Layout Considerations
Digital and AC transient signals coupling to AGND can create noise at the output. Connect AGND to the highest quality ground available. Use proper grounding techniques, such as a multilayer board with a lowinductance ground plane. Wire-wrapped boards and sockets are not recommended. For optimum system performance, use printed circuit (PC) boards with separate analog and digital ground planes. Connect the two ground planes together at the low-impedance power-supply source. Connect DGND and AGND pins together at the IC. The best ground connection is achieved by connecting the DAC's DGND and AGND together, and then connecting that point to the system analog ground plane. If the DAC's DGND is connected to the system digital ground, digital noise can get through the DAC's analog portion.
Bipolar Configuration
The MAX5204-MAX5207 are designed for unipolar operation, but can be used in bipolar applications with an external amplifier and resistors. Figure 5 shows the MAX5204-MAX5207 configured for bipolar operation. The op amp is set for unity gain. Table 1 lists the offset binary code for this circuit. Output voltage range is VREF.
Chip Information
TRANSISTOR COUNT: 8764 PROCESS: BiCMOS
______________________________________________________________________________________
11
Low-Cost, Voltage-Output, 16-Bit DACs in MAX MAX5204-MAX5207
Selector Guide
PART MAX5204AEUB MAX5204ACUB MAX5204BEUB MAX5205AEUB MAX5205ACUB MAX5205BEUB MAX5206AEUB MAX5206ACUB MAX5206BEUB MAX5207AEUB MAX5207ACUB MAX5207BEUB INTEGRAL NONLINEARITY (LSB MAX) 20 20 40 20 20 40 20 20 40 20 20 40 SUPPLY VOLTAGE RANGE (V) 4.75 to 5.25 4.75 to 5.25 4.75 to 5.25 4.75 to 5.25 4.75 to 5.25 4.75 to 5.25 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 REFERENCE INPUT RANGE (V) 4 to VDD 4 to VDD 4 to VDD 4 to VDD 4 to VDD 4 to VDD 2 to VDD 2 to VDD 2 to VDD 2 to VDD 2 to VDD 2 to VDD POWER-ON-RESET VALUE Midscale Midscale Midscale Zero Zero Zero Midscale Midscale Midscale Zero Zero Zero
12
______________________________________________________________________________________
Low-Cost, Voltage-Output, 16-Bit DACs in MAX
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
10LUMAX.EPS
MAX5204-MAX5207
e
10
4X S
10
INCHES MAX DIM MIN 0.043 A 0.006 0.002 A1 A2 0.030 0.037 0.120 0.116 D1 0.118 0.114 D2 0.116 0.120 E1 0.118 0.114 E2 0.199 0.187 H 0.0157 0.0275 L L1 0.037 REF b 0.007 0.0106 e 0.0197 BSC c 0.0035 0.0078 0.0196 REF S 0 6
MILLIMETERS MAX MIN 1.10 0.05 0.15 0.75 0.95 3.05 2.95 3.00 2.89 3.05 2.95 2.89 3.00 4.75 5.05 0.40 0.70 0.940 REF 0.270 0.177 0.500 BSC 0.200 0.090 0.498 REF 0 6
H 0 0.500.1 0.60.1
1
1
0.60.1
TOP VIEW
BOTTOM VIEW
D2 GAGE PLANE A2 A b A1 D1
E2
c
E1 L1
L
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, 10L uMAX/uSOP
APPROVAL DOCUMENT CONTROL NO. REV.
21-0061
1 1
I
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX5204BEUB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X